PART |
Description |
Maker |
AX92902-17 AX92903-17 AX92904-17 AX92905-17 AX9290 |
Full-size PCI Express Mini Module with Gigabit LAN Full-size PCI Express Mini Module with CAN Bus Full-size PCI Express Mini Module with 32 bit DIO Full-size PCI Express Mini Module with Audio Full-size PCI Express Mini Module with COM Full-size PCI Express Mini Module with SATA
|
Axiomtek Co., Ltd.
|
SLD-65018250X SLD-65018242X SLD-65018270X SLD-6501 |
COIL 33UH 600MA CHOKE SMD CABLE ASSEMBLY; N MALE TO N FEMALE BULKHEAD; 50 OHM, RG178B/U COAX; COIL 470UH 200MA CHOKE SMD General handling precautions 一般的处理措施 LEVER ARM FOR SWITCH 一般的处理措施 LIMIT SWITCH 240VAC 10A PLAST ZCP 一般的处理措施 COIL 3.3UH 1600MA CHOKE SMD 一般的处理措施
|
SAMSUNG SEMICONDUCTOR CO. LTD. Samsung Semiconductor Co., Ltd. DB Lectro, Inc. Molex, Inc.
|
CLY38-10 CLY38 CLY38-00 CLY38-05 |
CUTTERS, ANGLED FULL FLUSH 120MMCUTTERS, ANGLED FULL FLUSH 120MM; Capacity, cutting copper wire:1.2mm; Length:120mm; Capacity, cutting soft iron:1.0mm; Edge Finish/Profile:Full Flush; Head type:Oblique; Length, blade:10mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 125MMCUTTERS, OBLIQUE FULL FLUSH 125MM; Capacity, cutting copper wire:0.8mm; Length:125mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Length, jaw:20mm 伊雷尔C波段砷化镓功率场效应 CUTTERS, OBLIQUE FULL FLUSH 135MMCUTTERS, OBLIQUE FULL FLUSH 135MM; Capacity, cutting copper wire:0.8mm; Length:135mm; Capacity, cutting soft iron:0.6mm; Edge Finish/Profile:Full Flush; Head type:Slim; Length, jaw:20mm HiRel C-Band GaAs Power-MESFET
|
INFINEON[Infineon Technologies AG]
|
RC-721B-6SD2 RC-721BA-6SD2 |
19 2U High, Full-size Rackmount Chassis with 6-slot Backplane, 250W AT/ATX P/S Provides PICMG1.3 Full-size Backplane
|
BOSER Technology Co., Ltd http://
|
RC-741BA-14S2 |
19 4U High, Full-size Rackmount Chassis with Backplane/MainBoard, AT/ATX P/S Provides PICMG1.3 Full-size Backplane
|
BOSER Technology Co., Ltd
|
OMD60L60FL OMD150N06FL |
TRANSISTOR | IGBT POWER MODULE | FULL BRIDGE | 600V V(BR)CES | 75A I(C) 晶体管| IGBT功率模块|全桥| 600V的五(巴西)国际消费电子展| 75A条一c TRANSISTOR | MOSFET POWER MODULE | FULL BRIDGE | 60V V(BR)DSS | 150A I(D)
|
Unisonic Technologies Co., Ltd.
|
APTGT50H120T3 |
Full Bridge - IGBT Full - Bridge Trench IGBT Power Module
|
Advanced Power Technology
|
AP1305Z-SPLA AP1301 AP1301A-S AP1301A-SA AP1301A-S |
500 mA, RD output; single coil fan motor full wave driver BRUSHLESS DC MOTOR CONTROLLER, 0.35 A, PDSO8 LEAD FREE, SOP-8 500 mA, FG output; single coil fan motor full wave driver 350 mA, FG output; single coil fan motor full wave driver Single Coil Fan Motor Full Wave Driver
|
http:// ANACHIP[Anachip Corp] Integrated Circuit Technology Corp
|
ADM3491 ADM3491AR ADM3491AN ADM3491ARU |
3.3 V/ Full Duplex/ 840 uA 20 Mbps/ EIA RS-485 Transceiver 3.3 V, Full Duplex, 840 uA 20 Mbps, EIA RS-485 Transceiver MOSFET; Transistor Polarity:N Channel; Drain Source Voltage, Vds:90V; Continuous Drain Current, Id:0.86A; On-Resistance, Rds(on):4ohm; Rds(on) Test Voltage, Vgs:10V; Package/Case:TO-205AD; Drain-Source Breakdown Voltage:90V RoHS Compliant: No 3.3V, Full Duplex, 840uA, 20Mbps, EIA RS-485 Transceiver
|
Analog Devices, Inc.
|
SI-8050S SI-8150S SI-8000S SI-8090S SI-8120S SI-80 |
3 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, PSFM5 Full-Mold Separate Excitation Switching Type Full-Mold, Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
SANKEN[Sanken electric]
|
SI-8050E SI-8000E SI-8090E SI-B8050E SI-8120E |
Full-Mold, Separate Excitation Switching Type 0.61 A SWITCHING REGULATOR, 60 kHz SWITCHING FREQ-MAX, ZFM5 Full-Mold Separate Excitation Switching Type Full-Mold/ Separate Excitation Switching Type
|
Sanken Electric Co., Ltd. Sanken Electric Co.,Ltd. SANKEN[Sanken electric]
|
AT71200M AT71200MCRER AT71200MCRERB AT71200MCRHR |
AT71200M Monochrome [Updated 2/03. 23 Pages] Full field CCD. 3500 x 2300 pixels. 4 x 25 MHz Full field image sensor 3500 x 2300 pixels, 4 x 25 MHz 8M-pixel color image sensor. Full frame version standard image grade. Anti-reflective window. 8M-pixel color image sensor. Frame transfer version with two memories zones. Anti-reflective window. 8M-pixel color image sensor. Full frame version high image grade. Anti-reflective window.
|
Atmel
|